PART |
Description |
Maker |
Q6008LTH1LED |
Q6008LTH1LED series is designed to meet low load current characteristics typical in LED lighting applications.
|
Littelfuse
|
Q6012LTH1LEDTP |
Q6012LTH1LED series is designed to meet low load current characteristics typical in LED lighting applications.
|
Littelfuse
|
MCP606-I/P MCP606-I/SN MCP606-I/ST MCP609-I/P MCP6 |
The MCP606 operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 and ... The MCP609 quad operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 ... The MCP608 operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 and ... The MCP607 dual operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 ... 2.5V TO 5.5V MICROPOWER CMOS OP AMPS
|
Microchip Technology Inc.
|
MPX2200 MPX2200A MPX2200AP MPX2200AS MPX2200D MPX2 |
0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL) 000千帕29 PSI)的全尺寸为40 mV跨度(典型) 0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL) 000千帕9 PSI)的全尺寸为40 mV跨度(典型) (MPX2200 / MPX2201) 0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
MCP619-I/P MCP619-I/SL MCP619-I/ST MCP617-I/MS MCP |
The MCP619 quad operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 ... The MCP617 dual operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 ... The MCP618 operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 µA ... The MCP616 operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 µA ...
|
Microchip
|
MCP6021 MCP6024 MCP6022 MCP6024T-I_ST MCP6021-E_P |
The MCP6022 dual operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 ... The MCP6021 operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 mA ... The MCP6024 quad operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 ... The MCP6023 operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 mA ... Rail-to-Rail Input/Output 10 MHz Op Amps Rail-to-Rail Input/Output, 10 MHz Op Amps
|
MICROCHIP[Microchip Technology]
|
TPCP8103-H09 TPCP8103-H |
High Efficiency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications CCFL Inverter Applications
|
Toshiba Semiconductor
|
ADG1636BRUZ-REEL7 ADG1636BCPZ-REEL7 |
1 OHM Typical On Resistance
|
Analog Devices
|
PCA1292B-LF |
PHASE NOISE (1 Hz BW, typical)
|
Z-Communications, Inc
|